PART |
Description |
Maker |
FSF2510 FSF2210 FSN1410 FSN1606 IRF540 |
N Channel MOSFET; Package: TO-254; trr (nsec): 600; t(on) (nsec): 100; ID (A): 25; RDS(on) (Ohms): 0.07; PD (W): 125; BVDSS (V): 100; Rq: 1; VSD (V): 2.3 SMALL SIGNAL, FET N Channel MOSFET; Package: TO-254; trr (nsec): 300; t(on) (nsec): 23; ID (A): 22; RDS(on) (Ohms): 0.1; PD (W): 100; BVDSS (V): 100; Rq: 1.3; VSD (V): 2.5 22 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET N Channel MOSFET; Package: TO-257; trr (nsec): 250; t(on) (nsec): 14; ID (A): 14; RDS(on) (Ohms): 0.18; PD (W): 50; BVDSS (V): 100; Rq: 2; VSD (V): 2.5 14 A, 100 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET N Channel MOSFET; Package: TO-257; trr (nsec): 220; t(on) (nsec): 21; ID (A): 16; RDS(on) (Ohms): 0.07; PD (W): 50; BVDSS (V): 60; Rq: 2; VSD (V): 1.8 16 A, 60 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET 28 A, 100 V, 0.077 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Microsemi, Corp. STMicroelectronics N.V. MICROSEMI CORP
|
PPF5210M |
P Channel MOSFET; Package: TO-254; ID (A): 19; RDS(on) (Ohms): 0.07; PD (W): 150; BVDSS (V): 100; Rq: 0.83; 30 A, 100 V, 0.07 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Microsemi, Corp.
|
PSMN5R0-100PS |
N-channel 100 V 5 mΩ standard level MOSFET in TO-220 120 A, 100 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
NXP Semiconductors N.V.
|
SFF120-28Q |
9.2 AMPS 100 VOLTS 0.35S QUAD N-CHANNEL POWER MOSFET 9.2 A, 100 V, 0.35 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Solid State Devices, Inc.
|
FDT86113LZ |
100V N-Channel PowerTrenchMOSFET N-Channel PowerTrench? MOSFET 100 V, 3.3 A, 100 m N-Channel PowerTrench? MOSFET 100 V, 3.3 A, 100 m
|
Fairchild Semiconductor
|
PPF75N10N |
N Channel MOSFET; Package: TO-258; ID (A): 50; RDS(on) (Ohms): 0.025; PD (W): 300; BVDSS (V): 100; Rq: 0.42; 50 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-258AA
|
Microsemi, Corp.
|
RFD14N05LSM RFP14N05L RFD14N05L |
MULTI DVI DAISY CHAINABLE RECEIVER - CATX 14 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA TV TO VGA/HDTV VIDEO SCALER 14 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA 14A/ 50V/ 0.100 Ohm/ Logic Level/ N-Channel Power MOSFETs 14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs 14A 50V 0.100 Ohm Logic Level N-Channel Power MOSFETs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
SUD40N10-25 |
N-Channel 100-V (D-S) 175C MOSFET N-Channel 100-V (D-S) 175`C MOSFET
|
VISAY[Vishay Siliconix]
|
FDP100N10 |
N-Channel PowerTrenchMOSFET 75 A, 100 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor, Corp.
|
ADL5802 ADL5802-EVALZ ADL5802ACPZ-R7 ADL580209 |
Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer Dual Channel High IP3 100 MHz – 6 GHz Active Mixer; No of Pins: 24 100 MHz - 6000 MHz RF/MICROWAVE DOUBLE BALANCED MIXER
|
Analog Devices, Inc.
|
HAT2058R-EL-E HAT2058RJ-EL-E HAT2058R05 |
4 A, 100 V, 0.18 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 3.95 X 4.90 MM, PLASTIC, FP-8DAV, SOP-8 Silicon N Channel Power MOS FET High Speed Power Switching
|
Analog Devices, Inc. Renesas Electronics Corporation
|
|